PART |
Description |
Maker |
E20-00M E14-00M E14-00A E13-00K E13-00H THECHERRYC |
SWITCH SNAP 20A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.32mm, PANEL MOUNT SWITCH SNAP 25A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6.81mm, PANEL MOUNT SWITCH SNAP SPDT 25A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.81mm, PANEL MOUNT SWITCH ROLLER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SWITCH LEVER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 19.2mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 7.32mm, PANEL MOUNT 5 current ratings
|
ZF Electronics, Corp. THE CHERRY CORP Cherry Semiconductor Co...
|
AWS5522 AWS5522S26 AWS5522D1 |
0.5 to 2.5 GHz SPDT Switch 0.5.5 GHz SPDT开 0.5 to 2.5 GHz SPDT Switch 500 MHz - 2500 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.8 dB INSERTION LOSS Switches The AWS5522 is a single pole, double throw (SPDT) RF switch developed to meet the stringent requirements of GSM and CDMA systems, ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
SW-106PIN SW-276PIN SW-106SW-276 |
High Power GaAs SPDT Switch DC - 3 GHz SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 3 A, Pin Plunger Actuator, Solder Termination High Power GaAs SPDT Switch DC3 GHz Schottky Barrier Diodes
|
Tyco Electronics
|
66079-005 66079 66079-001 66079-005H 66079-004H 66 |
OPTICALLY COUPLED DIGITAL FILTER 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Roller Lever Actuator, Solder Termination 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
AWS5518 AWS5518S14 |
The AWS5518 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-26 plastic package. Switches GaAs IC SPDT Reflective Switch DC-2.0 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
E62-10A |
SWITCH SNAP SPDT 10A SS TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp.
|
ATLE2E-6M4-Z ATLE2D-2M4-Z ATLE2D-5M4-Z ATLE2E-2M4- |
Subminiature Toggle Switch With Locking Lever
|
Copal Electronics
|
SLLB |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC
|
PE4230 PE4230-EK 4230-52 4230 4230-00 4230-21 4230 |
SPDT High Power UltraCMOSRF Switch SPDT High Power UltraCMOS RF Switch SPDT High Power UltraCMOS⑩ RF Switch
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
|